Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download LED30W-18-C1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led-30w seriesC fixed output and dimmable switch mode led drivers constant current & constant voltage with isolation black magic thermal advantage? plastic housing ordering options: -d: 0-10v & resistance dimmable version comes with an extra two wires +purple/-gray on the output side. -d 0-10v dimming is compatible with most quality 0-10v wall dimmers. see page 3 for additional specifcations. electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) input over-voltage: can endure 320vac for 48 hrs, 350vac for 2 hrs frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 100v through 277v inrush current: <15.0 amps max @ 230 vac, cold start 25oc input current: 0.41 amps max (led30w-42-c0700: 0.43 amp max) maximum power: 30w current accuracy: 1% over input line variation load regulation: 3% thd: <_ 20% @ full load leakage current: 400 a typical hold up time: half cycle protection: output over-voltage, output over-current, and output short circuit protection with auto recovery environmental specifcations minimum starting temp: -30oc maximum case temp. 90c storage temperature: -40oc to +85oc humidity: 5% to 95% cooling: convection vibration frequency: 5 to 55 hz/2g, 30 minutes sound rating: class a mtbf: 484,000 hours at full load and 40oc ambient conditions per mil-217f notice 2 emc: fcc 47cfr part 15 class b compliant constant current - product specifcations model number output current (ma 3%) output voltage range (vdc) max. output power (w) typical effciency led30w-85-c0350- xx 350 28-85 29.8 88% led30w-75-c0400- xx 400 25-75 30 87% led30w-66-c0450- xx 450 22-66 29.7 87% led30w-42-c0700- xx 700 14-42 29.4 87% led30w-36-c0830- xx 830 12-36 29.9 87% led30w-24-c1250- xx 1250 8-24 30 86% LED30W-18-C1660- xx 1660 6-18 30 85% led30w-12-c2500- xx 2500 4-12 30 85% constant voltage - product specifcations model number output voltage (vdc 5%) output current range (ma) max. output power (w) typical effciency led30w-12 ? 12 652-2500 30 84% led30w-18 18 415-1660 30 85% led30w-24 ? 24 313-1250 30 85% led30w-36 36 208-830 29.9 86% led30w-42 42 175-700 29.4 87% led30w-66 66 113-450 29.7 87% led30w-75 75 100-400 30 87% led30w-85 85 88-350 29.8 88% class 2: us/canada -xx indicates dimming options are available. see options at left. blank = fxed current output e332160 sign components manual ? total power: 30 watts ? input voltage: 100-277 vac nom. ? ul dry & damp location rated ? ip66 ? high power factor ? ul sign components manual (s.a.m. models) rev 10-13-16 ? indicates s.a.m. specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 3 dimensions - in[mm] ul conditions of acceptability see website for additional information input white (n) black (l) dimming purple (+) gray (-) output red (+) blue (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. dimming leads: 22 awg, rated 300 v, 105c. all wires are stranded with solder dipped ends. tc = 90c max typical efficiency / load (led30w-042-c0700-d) 75 80 85 0 100 5 load efficiency 50 60 70 80 0 100 1 20 a c 2 77 a c 50% load pf power factor / load 60% 70% 80% 90% 100% 50% load thd thd / load 0% 20% 15% 10% 30% 25% 35% 40% 45% 50% 60% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 50 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature 0 70 105 122.5 87.5 17.5 35 52.5 140 55 60 65 70 75 80 85 90 led30w series note: e e e te eteete e eeet ee te e has highly reliable operation within specifcation. driver performance may drift out of published specifcations as the hours of operation exceed the curve at a given temperature. higher operating temperatures increase the chances of a failure to function. driver lifetime but are not represented in this calculation. safety cert. standard ul/cul ul8750 csa 22.2 ce en61347 emc standard notes en55015 en61000-3-2 en61000-3-3 class c fcc, 47cfr part 15 class b en6100-4-5 2kv l-n, 8/20 sec surge protection ssl solutions faster than the speed of light ? thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 3 of 3 -d option: 0-10vdc and resistance dimming notes: 1. 0-10v dimmable version comes with an extra two wires +purple/-gray on the output side. 2. compatible with most 0-10v wall slide dimmers and direct 0-10v analog signal. recommended dimmer is leviton ip710 or equivalent 3. 0-10v dimmable version is not intended to dim below about 5% @ 0v or 10% @ 1.0v 4. 0-10v dimmable version output will be 100% with purple/gray open and minimum with purple/gray shorted. parameters minimum typical maximum source current out of 0-10v purple wire 0 ma - 2 ma absolute voltage range on 0-10v (+) purple wire -2.0 v - +15 v dim (+) purple ip710 wall dimmer led30w-xx-cxxxx-d dim (-) gray (dimmer must be current-sink type control) typical dimming circuit 0v 1v 2v 3v 4v 5v 6v 7v 8v 9v 10v d i mmi n g i n p u t ( v dc) o u t put c u rre n t / 0 - 1 0 v dc d i mmi ng i nput 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100 outpu t cu rr ent % led30w series ssl solutions faster than the speed of light ? thomas research products ? 1225 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com


▲Up To Search▲   

 
Price & Availability of LED30W-18-C1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X